|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
4287 Technology Drive Fremont, CA 94538 USA Tel: (510) 580-5181 Fax: (510) 445-6349 Email: sales@luxnetcorp.com www.luxnetcorp.com 2.5 Gbps 850 nm PIN-TIA Product Description: The LuxNet MG2C-8012 PIN-TIA is designed for high-speed, high-performance data communication and telecommunication applications. This device integrates our high-speed 850 nm PIN detector with a 2.5Gbps trans-impedence amplifier (TIA) and capacitors into a TO-46 header with a lens cap window. The product is designed for 2.125Gbps to 2.5Gbps Fiber Channel, Gigabit Ethernet, and ATM/SONET transceiver modules and systems. The PIN-TIA assembly can be integrated with different types of ports engaged with a fiber connector to transmit the light from fiber through receptacle into the PIN detector with high coupling efficiency. Product Specifications: Absolute Maximum Ratings (T = 25C): Parameter Symbol Operating Temperature Top Storage Temperature Tstg Solder Reflow Temperature Tstg Power Supply Voltage VP Forward Current If Reverse Voltage Vr Reverse Current Ir Unit C C C V mA V mA Min. 0 -40 Max. 85 85 260 3.8 10 40 1 Note 10 seconds max. Electro-Optical Characteristics (T = 25C, unless noted otherwise): Parameter Supply Voltage Supply Current Output Voltage (differential) Responsivity Upper -3dB Bandwidth Peak Wavelength Rise/Fall Time Symbol Vcc Icc Vout R BWupper p r/f Unit Volts mA mV V/W GHz nm ps Min. 3 Typ. 3.3 25 Max. Test Condition P=0 W, Rload=50 Ohm P=100 W, Rload=50 Ohm P=20 W, Rload=50 Ohm 860 150/150 200 1600 2.0 850 Vcc=3.3V; 20%-80% * Specifications are subject to change without notice. * Screening per customer-specified reject limits is available. September 19, 2002 4287 Technology Drive Fremont, CA 94538 USA Tel: (510) 580-5181 Fax: (510) 445-6349 Email: sales@luxnetcorp.com www.luxnetcorp.com Dimensions: (mm) All dimensions are nominal PINOUT MG2C-8012 Number 1 2 3 4 Function Gnd Non-Inverted Output Vcc Inverted Output * Specifications are subject to change without notice. * Screening per customer-specified reject limits is available. September 19, 2002 |
Price & Availability of MG2C-8012 |